Part Number Hot Search : 
UPD16835 SR1645 102CA ESAC33MN ICS95 A01BACD1 HT47R20 MB91155
Product Description
Full Text Search
 

To Download ILQ30-X009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  il30, ild55, ilq30, ilq31, ilq55 www.vishay.com vishay semiconductors rev. 1.8, 28-jul-14 1 document number: 83621 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler, photodarlington output, (single, dual, quad channel) features ? 125 ma load current rating ? fast rise time, 10 s ? fast fall time, 35 s ? single, dual and quad channel ? solid state reliability ? standard dip packages ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 agency approvals ? ul1577, file no. e52744 system code h, double protection ? cul tested to csa 22.2 bulletin 5a ? din en 60747-5-2 (vde 0884) / din en 60747-5-5 pending available with option 1 ? bsi iec 60950; iec 60065 ?fimko description the il30 single, ild55 dual, an d ilq30, ilq31, ilq55 quad are optically coupled isolators with gallium arsenide infrared emitters and silicon photodarlin gton sensors. switching can be achieved while maintaining a high degree of isolation between driving and load circui ts, with no crosstalk between channels. these optocouplers ca n be used to replace reed and mercury relays with advantag es of long life, high speed switching and elimination of magnetic fields. the ild55 is designed to redu ce board space requirements in high density applications. notes ? additional options may be possib le, please contact sales office. (1) also available in tubes, do not put t on the end. 8 7 6 5 e c c e a c c a 1 2 3 4 e c c e e c c e a c c a a c c a 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 1 2 3 6 5 4 b c e a c nc dual channel qua d channel s md s in g le channel ordering information i lx##-x00#t part number x = d (dual) or q (quad) package option tape and reel agency certified/package single channel dual channel quad channel ctr ul, cul, bsi, fimko 100 100 100 200 dip-6 il30--- dip-8 - ild55 - - smd-8, option 7 - ild55-x007 - - smd-8, option 9 - ild55-x009t (1) -- dip-16 - - ilq30, ilq55 ilq31 smd-16, option 7 - - ilq55-x007 - smd-16, option 9 - - ILQ30-X009, ilq55-x009t (1) - vde, ul, cul, bsi, fimko 100 100 100 200 dip-16 - - ilq30-x001 - > 0.1 mm > 0.7 mm 7.62 mm dip option 7 option 9
il30, ild55, ilq30, ilq31, ilq55 www.vishay.com vishay semiconductors rev. 1.8, 28-jul-14 2 document number: 83621 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? stresses in excess of the absolu te maximum ratings can ca use permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of th e time can adversely affect reliability. note ? minimum and maximum values are testing requirements. typical values are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition part symbol value unit input peak reverse voltage v rm 3v forward continuous current i f 60 ma power di ssipation p diss 100 mw derate linear ly from 25 c 1.33 mw/c output collector emitter breakdown voltage il30 bv ceo 30 v ilq30 bv ceo 30 v ild55 bv ceo 55 v ilq55 bv ceo 55 v collector (load) current i c 125 ma power dissi pation p diss 150 mw derate linearly from 25 c 2mw/c coupler total package po wer dissipation il30 p tot 250 mw ild55 p tot 400 mw ilq30 p tot 500 mw ilq31 p tot 500 mw ilq55 p tot 500 mw derate linearly from 25 c il30 3.3 mw/c ild55 3.3 mw/c ilq30 6.67 mw/c ilq31 6.67 mw/c ilq55 6.67 mw/c isolation test voltage v iso 5300 v rms creepage distance 7mm clearance distance 7mm comparative tracking index cti 175 storage temperature t stg -55 to +125 c coupler operating temperature t amb -55 to +100 c lead soldering time at 260 c 10 s electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit input forward voltage i f = 20 ma v f 1.25 1.5 v reverse current v r = 3 v i r 0.1 10 a capacitance v r = 0 v c o 25 pf output collector emitter breakdown voltage i c = 100 a bv ceo 30/55 v collector emitter leakage current v ce = 10 v, i f = 0 a i ceo 1 100 na collector emitte r capacitance v ce = 10 v, f = 1 mhz c ce 3.4 pf coupler collector emitter sa turation voltage i c = 50 ma, i f = 50 ma v cesat 0.9 1 v isolation test voltage 5300 v rms isolation resistance r io 10 12 capacitance (input to output) c io 0.5 pf
il30, ild55, ilq30, ilq31, ilq55 www.vishay.com vishay semiconductors rev. 1.8, 28-jul-14 3 document number: 83621 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - forward voltage vs. forward current fig. 2 - normalized non- saturated and saturated ctr ce vs. led current fig. 3 - normalized non-saturate d and saturated co llector emitter current vs. led current fig. 4 - normalized collector base photocurrent vs. led current current transfer ratio (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit current transfer ratio i f = 10 ma, v ce = 5 v il30 ctr 100 400 % ild55 ctr 100 400 % ilq30 ctr 100 400 % ilq55 ctr 100 400 % ilq31 ctr 200 400 % switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit rise time v cc = 13.5 v, i f = 50 ma, r l = 100 t r 10 s fall time v cc = 13.5 v, i f = 50 ma, r l = 100 t f 35 s iil30_01 i f - forward current (ma) 100 10 1 0.1 0.7 0.8 0.9 1.0 1.1 1.2 1. 3 1.4 v f - forward voltage (v) t amb = 25 c t amb = 85 c t amb = -55 c iil30_02 0.1 1 10 100 1000 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v ce = 1 v v ce = 5 v i f - led current (ma) nctr ce - normalized ctr ce normalized to: v ce = 5 v i f = 10 ma iil30_03 100 1 0.1 0.001 0.01 0.1 1 10 v ce = 1 v v ce = 5 v i f - led current (ma) ni ce - normalized i ce i f = 10 ma v ce = 5 v normalized to: 10 iil30_04 0.1 1 10 100 0.001 0.01 0.1 1 10 i f - led current (ma) n icb - normalized (i cb ) vcb = 3.5 v i f = 10 ma normalized to:
il30, ild55, ilq30, ilq31, ilq55 www.vishay.com vishay semiconductors rev. 1.8, 28-jul-14 4 document number: 83621 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - h fe current gain vs . base current fig. 6 - low to high propagation delay vs. collector load resistance and led current fig. 7 - high to low propagation delay vs. collector load resistance and led current fig. 8 - switching waveform fig. 9 - switching schematic iil30_05 = 1 v v ce = 5 v 0.01 0.1 1 10 100 12 000 10 000 8000 6000 4000 2000 0 base current h fe - current gain v ce iil30_06 0101520 0 20 40 60 80 v cc = 5 v v th = 1.5 v 470 i f - led current (ma) t plh - low/high propagation delay (s) 100 1 k 5 220 iil30_07 0101520 0 5 10 15 20 100 1 k i f - led current (ma) t phl - high/low propagation delay (s) v cc = 5 v v th = 1.5 v 5 iil30_08 i f t r v o t d t s t f t phl t plh v th = 1.5 v iil30_09 v o r l v cc = 13.5 v i f = 50 ma f = 10 khz, df = 50 %
il30, ild55, ilq30, ilq31, ilq55 www.vishay.com vishay semiconductors rev. 1.8, 28-jul-14 5 document number: 83621 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters dip-6 dip-8 9.00 max. 8.60 0.10 0.90 min. 0.85 0.10 0.50 0.10 2.54 typ. 1.27 0.10 0.79 min. 3.55 0.25 pin one i.d. 654 123 7.62 typ. 6.50 0.25 3.10 0.50 0.25 0.10 3.10 0.50 3 to 9 pin one i.d. 1 8 4 23 6 75 3.55 0.25 10.20 max. 0.50 min. 9.75 0.15 2.54 typ. 1.27 0.10 0.50 0.10 0.70 min. 7.62 typ. 6.60 0.25 3.10 0.50 0.25 0.10 3 to 9
il30, ild55, ilq30, ilq31, ilq55 www.vishay.com vishay semiconductors rev. 1.8, 28-jul-14 6 document number: 83621 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dip-16 smd-6, option 7 pin one i.d. 16 1 9 10 11 12 13 14 15 8 7 6 5 4 3 2 7.62 typ. 6.60 0.25 3.10 0.50 0.25 0.10 3 to 9 20.30 max. 19.90 0.15 0.70 min. 2.54 typ. 1.27 0.10 0.50 0.10 0.50 min. 3.55 0.25 2.54 1.78 0.76 1.52 11.05 8.00 min. r0.25 10.30 max. 6.50 0.25 7.62 typ. 0.50 min. 8.00 min. lead s coplanarity 0.1 max. 4.30 0.30 0.25 0.10 0.70 min. pin one i.d. 654 12 3 0.90 min. 3.55 0.25 2.54 typ. 1.27 0.10 8.60 0.10 9.00 max.
il30, ild55, ilq30, ilq31, ilq55 www.vishay.com vishay semiconductors rev. 1.8, 28-jul-14 7 document number: 83621 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 smd-6, option 9 smd-8, option 7 2.54 1.78 0.76 1.52 11.05 8.00 min. r0.25 lead s coplanarity 0.1 max. 0.50 min. 8.00 min. 0.20 0.10 10.05 max. 6.50 0.25 7.62 typ. 0.25 0.10 pin one i.d. 65 4 123 2.54 typ. 1.27 0.10 3.55 0.25 0.90 min. 8.60 0.10 9.00 max. 2.54 1.78 0.76 1.52 11.05 8.00 min. r0.25 lead s coplanarity 0.1 max. 0.25 0.10 10.30 max. 6.60 0.25 7.62 typ. 4.30 0.30 0.50 min. 8.00 min. 0.50 min. pin one i.d. 12 3 4 87 6 5 2.54 typ. 1.27 0.10 3.55 0.25 0.70 min. 9.75 0.15 10.20 max.
il30, ild55, ilq30, ilq31, ilq55 www.vishay.com vishay semiconductors rev. 1.8, 28-jul-14 8 document number: 83621 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 smd-8, option 9 smd-16, option 7 2.54 1.78 0.76 1.52 11.05 8.00 min. r0.25 lead s coplanarity 0.1 max. 0.25 0.10 10.05 max. 6.60 0.25 7.62 typ. 0.20 0.10 0.50 min. 8.00 min. pin one i.d. 1234 8 765 2.54 typ. 1.27 0.10 3.55 0.25 0.70 min. 9.75 0.15 10.20 max. 2.54 1.78 0.76 1.52 11.05 8.00 min. r0.25 lead s coplanarity 0.1 max. 0.25 0.10 10.30 max. 6.60 0.25 7.62 typ. 4.30 0.30 0.50 min. 8.00 min. 0.50 min. pin one i.d. 12 3 47 6 58 16 15 14 13 10 11 12 9 2.54 typ. 1.27 0.10 3.55 0.25 0.70 min. 19.90 0.15 20.30 max.
il30, ild55, ilq30, ilq31, ilq55 www.vishay.com vishay semiconductors rev. 1.8, 28-jul-14 9 document number: 83621 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 smd-16, option 9 package marking (example) notes ? only option 1 and 7 reflected in the package marking ? the vde logo is only marked on option 1 parts ? tape and reel suffix (t) is not part of the package marking 2.54 1.78 0.76 1.52 11.05 8.00 min. r0.25 lead s coplanarity 0.1 max. 0.50 min. 8.00 min. 0.25 0.10 10.05 max. 6.60 0.25 7.62 typ. 0.20 0.10 pin one i.d. 12 3 47 6 58 16 15 14 13 10 11 12 9 2.54 typ. 1.27 0.10 3.55 0.25 0.70 min. 19.90 0.15 20.30 max. ild55 v yww h 68
legal disclaimer notice www.vishay.com vishay revision: 08-feb-17 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners. ? 2017 vishay intertechnology, inc. all rights reserved


▲Up To Search▲   

 
Price & Availability of ILQ30-X009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X